Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71439-0564 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 71439-0564
Description  1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Embossed Tape on Reel, 0.76關m (30關") Gold (Au), 64 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71439-0564 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  71439-0564 Datasheet HTML 1Page - Molex Electronics Ltd. 71439-0564 Datasheet HTML 2Page - Molex Electronics Ltd. 71439-0564 Datasheet HTML 3Page - Molex Electronics Ltd. 71439-0564 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reference - Drawing Numbers
Product Specification
PS-71436-9999, RPS-71436-002, RPS-71436-003
Sales Drawing
SDA-71439-0***
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 71439-0564

ManufacturerPart #DatasheetDescription
logo
MolexKits
71439-0164 MOLEXKITS-71439-0164 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
logo
Molex Electronics Ltd.
71439-0164 MOLEX8-71439-0164 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits
71439-0264 MOLEX8-71439-0264 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,Vertical Stacking, Embossed Tape on Reel, 1.27關m (50關") Gold (Au), 64 Circuits Pick
71439-0364 MOLEX8-71439-0364 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits Pick and Place Cap
71439-0464 MOLEX8-71439-0464 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row, Vertical Stacking, Embossed Tape on Reel, 0.76關m (30關") Gold (Au), 64 Circuits Pick and Place Cap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com