Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702871108 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0702871108
Description  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 24 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871108 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0702871108 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871108 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871108 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871108 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871108 Datasheet HTML 5Page - Molex Electronics Ltd. 0702871108 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
70287
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2010-0011
A
DATE:
3/2/2010
TITLE:
SALES ASS’Y – HIGH TEMP.
DUAL ROW, .025” SQ PINS
.100” GRID W/ RET. PINS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-70287-004
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-70287-1000 / 1048
DIM. C
(6.10) / .240
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(11.56) / .455
MATING SIDE PLATING
TIN
DIM. D (MEASURE PT.)
(2.54) / .100
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1000
54
70287-1025
06
70287-1001
56
70287-1026
08
70287-1002
58
70287-1027
10
70287-1003
60
70287-1028
12
70287-1004
62
70287-1029
14
70287-1005
64
70287-1030
16
70287-1006
66
70287-1031
18
70287-1007
68
70287-1032
20
70287-1008
70
70287-1033
22
70287-1009
72
70287-1034
24
70287-1010
74
70287-1035
26
70287-1011
76
70287-1036
28
70287-1012
78
70287-1037
30
70287-1013
80
70287-1038
32
70287-1014
82
70287-1039
34
70287-1015
84
70287-1040
36
70287-1016
86
70287-1041
38
70287-1017
88
70287-1042
40
70287-1018
90
70287-1043
42
70287-1019
92
70287-1044
44
70287-1020
94
70287-1045
46
70287-1021
96
70287-1046
48
70287-1022
98
70287-1047
50
70287-1023
100
70287-1048
52
70287-1024
ENG. NO: A-70287-1098 / 1146
DIM. C
(6.10) / .240
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(11.56) / .455
MATING SIDE PLATING
15 GOLD
DIM. D (MEASURE PT.)
(2.54) / .100
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1098
54
70287-1123
06
70287-1099
56
70287-1124
08
70287-1100
58
70287-1125
10
70287-1101
60
70287-1126
12
70287-1102
62
70287-1127
14
70287-1103
64
70287-1128
16
70287-1104
66
70287-1129
18
70287-1105
68
70287-1130
20
70287-1106
70
70287-1131
22
70287-1107
72
70287-1132
24
70287-1108
74
70287-1133
26
70287-1109
76
70287-1134
28
70287-1110
78
70287-1135
30
70287-1111
80
70287-1136
32
70287-1112
82
70287-1137
34
70287-1113
84
70287-1138
36
70287-1114
86
70287-1139
38
70287-1115
88
70287-1140
40
70287-1116
90
70287-1141
42
70287-1117
92
70287-1142
44
70287-1118
94
70287-1143
46
70287-1119
96
70287-1144
48
70287-1120
98
70287-1145
50
70287-1121
100
70287-1146
52
70287-1122


Similar Part No. - 0702871108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871100 MOLEX8-0702871100 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 8 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
0702871101 MOLEX8-0702871101 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 10 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
0702871102 MOLEX8-0702871102 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
0702871103 MOLEX8-0702871103 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 14 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
0702871104 MOLEX8-0702871104 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 16 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com