Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71764-0012 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 71764-0012
Description  2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 12 Circuits, Tin (Sn) Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71764-0012 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  71764-0012 Datasheet HTML 1Page - Molex Electronics Ltd. 71764-0012 Datasheet HTML 2Page - Molex Electronics Ltd. 71764-0012 Datasheet HTML 3Page - Molex Electronics Ltd. 71764-0012 Datasheet HTML 4Page - Molex Electronics Ltd. 71764-0012 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
71764
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2007-0449
A
DATE:
2006-08-18
TITLE:
DUAL ROW WAFER ASS’Y
W/ BREAK-OFF OPTION RT.
ANG. (0.64)/.025 SQ PINS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-71764-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ITEM NO: 71764-0004/0030, 9003
ITEM NO: 71764-0104/0130, 9001, 9004
ITEM NO: 71764-0204/0230, 9000, 9002
DIM. C
(6.10)/.240
DIM. C
(6.10)/.240
DIM. C
(6.10)/.240
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
FINISH
TIN
FINISH
15 GOLD
PLATING FINISH
30 GOLD
CONNECTOR END PLATING
TIN
CONNECTOR END PLATING
GOLD
CONNECTOR END PLATING
GOLD
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
04
71764-0004
04
71764-0104
04
71764-0204
06
71764-0006
06
71764-0106
06
71764-0206
08
71764-0008
08
71764-0108
08
71764-0208
10
71764-0010
10
71764-0110
10
71764-0210
12
71764-0012
12
71764-0112
12
71764-0212
14
71764-0014
14
71764-0114
14
71764-0214
16
71764-0016
16
71764-0116
16
71764-0216
18
71764-0018
18
71764-0118
18
71764-0218
20
71764-0020
20
71764-0120
20
71764-0220
22
71764-0022
22
71764-0122
22
71764-0222
24
71764-0024
24
71764-0124
24
71764-0224
26
71764-0026
26
71764-0126
26
71764-0226
28
71764-0028
28
71764-0128
28
71764-0228
30
71764-0030
30
71764-0130
30
71764-0230
06
71764-9003
3
06
71764-9001
3, 4
06
71764-9002
3, 4
08
71764-9004
5, 6
10
71764-9000
8


Similar Part No. - 71764-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71764-0010 MOLEX8-71764-0010 Datasheet
132Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 10 Circuits, Tin (Sn) Plating
71764-0014 MOLEX8-71764-0014 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 14 Circuits, Tin (Sn) Plating
71764-0016 MOLEX8-71764-0016 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 16 Circuits, Tin (Sn) Plating
71764-0018 MOLEX8-71764-0018 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle, High Temperature, 18 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com