Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68561-0016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 68561-0016
Description  1.27mm (.050") Pitch Serial ATA Straight Latching-to-Right Angle Latching SignalCable Assembly, 0.50m (1.64) Length, Red, Leadfree
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

68561-0016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  68561-0016 Datasheet HTML 1Page - Molex Electronics Ltd. 68561-0016 Datasheet HTML 2Page - Molex Electronics Ltd. 68561-0016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0685610016
Status:
Active
Overview:
serial_ata_products
Description:
1.27mm (.050") Pitch Serial ATA Straight Latching-to-Right Angle Latching Signal
Cable Assembly, 0.50m (1.64' ) Length, Red, Leadfree
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
68561
Comments
Generation 2 (300MB/s)
Connector to Connector
Serial ATA-to-Serial ATA
Overview
serial_ata_products
Product Name
Serial ATA
Physical
Cable Length
0.50m (1.64' )
Circuits (Loaded)
7
Color - Resin
Black, Natural
Gender
Female-Female
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Resin
Low Density Polyethylene, Polyester
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Single Ended
No
Termination Interface: Style
Surface Mount
Wire Insulation Diameter
N/A
Wire Size AWG
26
Wire/Cable Type
PVC
Electrical
Current - Maximum per Contact
1.5A
Impedance
100 ohms
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-68561-0016, SD-68561-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68561Series
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 68561-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68561-0014 MOLEX8-68561-0014 Datasheet
143Kb / 3P
   1.27mm (.050) Pitch, Serial ATA Straight Latching-to-Straight Latching Signal Cable
68561-0015 MOLEX8-68561-0015 Datasheet
143Kb / 3P
   1.27mm (.050") Pitch, Serial ATA Straight Latching-to-Straight Latching Signal Cable Assembly, 1.0m
68561-0017 MOLEX8-68561-0017 Datasheet
150Kb / 3P
   1.27mm (.050") Pitch Serial ATA Straight Latching-to-Right Angle Latching SignalCable Assembly, 1.0m (3.28 ) Length, Red, Leadfree
68561-0018 MOLEX8-68561-0018 Datasheet
90Kb / 2P
   1.27mm (.050") Pitch Serial ATA IDT Power Latching Adapter Cable Assembly, 0.152m(6.00") Length, Gold Flash, 5V12V, Leadfree
68561-0019 MOLEX8-68561-0019 Datasheet
91Kb / 2P
   1.27mm (.050") Pitch Serial ATA IDT Power Latching Adapter Cable Assembly, 0.152m(6.00") Length, 0.76關m (30關") Gold (Au), 5V12V, Leadfree
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com