Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74696-1002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74696-1002
Description  2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74696-1002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74696-1002 Datasheet HTML 1Page - Molex Electronics Ltd. 74696-1002 Datasheet HTML 2Page - Molex Electronics Ltd. 74696-1002 Datasheet HTML 3Page - Molex Electronics Ltd. 74696-1002 Datasheet HTML 4Page - Molex Electronics Ltd. 74696-1002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
48
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74696-003
Sales Drawing
SD-74696-002
VHDM-HSD is a trademark of Amphenol Corporation
10 Wide, 20.00mm
(.787")
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74696-1002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74696-1002 MOLEX-74696-1002 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com