Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K64004C1D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K64004C1D
Description  1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K64004C1D Datasheet(HTML) 2 Page - Samsung semiconductor

  K64004C1D Datasheet HTML 1Page - Samsung semiconductor K64004C1D Datasheet HTML 2Page - Samsung semiconductor K64004C1D Datasheet HTML 3Page - Samsung semiconductor K64004C1D Datasheet HTML 4Page - Samsung semiconductor K64004C1D Datasheet HTML 5Page - Samsung semiconductor K64004C1D Datasheet HTML 6Page - Samsung semiconductor K64004C1D Datasheet HTML 7Page - Samsung semiconductor K64004C1D Datasheet HTML 8Page - Samsung semiconductor K64004C1D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6R4004C1D
CMOS SRAM
PRELIMINARY
Rev 1.0
- 2 -
July 2002
4Mb Async. Fast SRAM Ordering Information
Org.
Part Number
VDD(V)
Speed ( ns )
PKG
Temp. & Power
1M x4
K6R4004C1D-JC(I) 10
5
10
J : 32-SOJ
C : Commercial Temperature
,Normal Power Range
I : Industrial Temperature
,Normal Power Range
L : Commercial Temperature
,Low Power Range
P : Industrial Temperature
,Low Power Range
K6R4004V1D-JC(I) 08/10
3.3
8/10
512K x8
K6R4008C1D-J(T)C(I) 10
5
10
J : 36-SOJ
T : 44-TSOP2
K6R4008V1D-J(T)C(I) 08/10
3.3
8/10
256K x16
K6R4016C1D-J(T,E)C(I) 10
5
10
J : 44-SOJ
T : 44-TSOP2
E : 48-TBGA
K6R4016V1D-J(T,E)C(I,L,P) 08/10
3.3
8/10


Similar Part No. - K64004C1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
K64 TEC-K64 Datasheet
211Kb / 1P
   KILOVAC High Voltage Relays
logo
NXP Semiconductors
K64F NXP-K64F Datasheet
1Mb / 85P
   Kinetis K64F Sub-Family
Rev. 7, 11/2016
K64F NXP-K64F Datasheet
1Mb / 85P
   120 MHz ARM짰 Cortex짰-M4-based Microcontroller with FPU
Rev. 7, 11/2016
logo
Roithner LaserTechnik G...
K64L5111A ROITHNER-K64L5111A Datasheet
308Kb / 2P
   Light Emitting Diode
logo
NXP Semiconductors
K64P142M120SF5 NXP-K64P142M120SF5 Datasheet
1Mb / 76P
   Kinetis K64 Sub-Family
Rev. 7, 10/2016
More results

Similar Description - K64004C1D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com