Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4C561638C-TCDA Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4C561638C-TCDA
Description  256Mb Network-DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C561638C-TCDA Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4C561638C-TCDA Datasheet HTML 7Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 8Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 9Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 10Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 11Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 12Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 13Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 14Page - Samsung semiconductor K4C561638C-TCDA Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
K4C5608/1638C
256Mb Network-DRAM
REV. 0.7 Aug. 2003
- 11 -
AC Characteristics and Operating Conditions (Notes : 1, 2)
Symbol
Item
D4(400Mbps)
DA(366Mbps)
D3(333Mbps)
Units Notes
Min
Max
Min
Max
Min
Max
tRC
Random Cycle Time
25
-
27.5
-
30
-
ns
3
tCK
Clock Cycle Time
CL = 3
5.5
7.5
6
7.5
6.5
7.5
3
CL = 4
5
7.5
5.5
7.5
6
7.5
3
tRAC
Random Access Time
-
22
-
24
-
26
3
tCH
Clock High Time
0.45*tCK
-
0.45*tCK
-
0.45*tCK
-3
tCL
Clock Low Time
0.45*tCK
-
0.45*tCK
-
0.45*tCK
-3
tCKQS
DQS Access Time from CLK
-0.65
0.65
-0.75
0.75
-0.85
0.85
3, 8
tQSQ
Data Output Skew from DQS
-
0.4
-
0.45
-
0.5
4
tAC
Data Access Time from CLK
-0.65
0.65
-0.75
0.75
-0.85
0.85
3, 8
tOH
Data Output Hold Time from CLK
-0.65
0.65
-0.75
0.75
-0.85
0.85
3, 8
tQSPRE DQS(Read) Preamble Pulse Width
0.9*tCK-0.2
1.1*tCK+0.2
0.9*tCK-0.2
1.1*tCK+0.2
0.9*tCK-0.2
1.1*tCK+0.2
3
tHP
CLK half period ( minium of Actual tCH, tCL)min(tCH, tCL)
-
min(tCH, tCL)
-
min(tCH, tCL)
-
tQSP
DQS(Read) Pulse Width
tHP-0.55
-
tHP-0.6
-
tHP-0.65
-4
tQSQV
Data Output Valid Time from DQS
tHP-0.55
-
tHP-0.6
tHP-0.65
-4
tDQSS
DQS(Write) Low to High Setup Time
0.75*tCK
1.25*tCK
0.75*tCK
1.25*tCK
0.75*tCK
1.25*tCK
3
tDSPRE DQS(Write) Preamble Pulse Width
0.4*tCK
-
0.4*tCK
-
0.4*tCK
-4
tDSPRES DQS First Input Setup Time
0
-
0
-
0
-
3
tDSPREH DQS First Low Input Hold Time
0.25*tCK
-
0.25*tCK
-
0.25*tCK
-3
tDSP
DQS High or Low Input Pulse Width
0.45*tCK
0.55*tCK
0.45*tCK
0.55*tCK
0.45*tCK
0.55*tCK
4
tDSS
DQS Input Falling Edge to Clock Setup Time
CL = 3
1.3
-
1.4
-
1.5
-
3, 4
CL = 4
1.3
-
1.4
-
1.5
-
3, 4
tDSPST
DQS(Write) Postamble Pulse Width
0.45*tCK
-
0.45*tCK
0.45*tCK
-4
tDSPSTH DQS(Write) Postamble Hold Time
CL = 3
1.3
-
1.4
-
1.5
-
3, 4
CL = 4
1.3
-
1.4
-
1.5
-
3, 4
tDSSK
UDQS - LDQS Skew (x16)
-0.5*tCK
0.5*tCK
-0.5*tCK
0.5*tCK
-0.5*tCK
0.5*tCK
tDS
Data Input Setup Time from DQS
0.5
-
0.5
-
0.6
-
4
tDH
Data Input Hold Time from DQS
0.5
-
0.5
-
0.6
-
4
tDIPW
Data Input pulse Width (for each device)
1.5
-
1.5
-
1.9
-
tIS
Command / Address Input Setup Time
0.9
-
0.9
-
1
-
3
tIH
Command / Address Input Hold Time
0.9
-
0.9
-
1
-
3
tIPW
Command / Address Input Pulse Width (for each device)
2.0
-
2.0
-
2.2
-
tLZ
Data-out Low Impedance Time from CLK
-0.65
-
-0.75
-
-0.85
-
3, 6, 8
tHZ
Data-out High Impedance Time from CLK
-
0.65
-
0.75
-
0.85
3, 7, 8
tQSLZ
DQS-out Low Impedance Time from CLK
-0.65
-
-0.75
-
-0.85
-
3, 6, 8
tQSHZ
DQS-out High Impedance Time from CLK
-0.65
0.65
-0.75
0.75
-0.85
0.85
3, 7, 8
tQPDH
Last Output to PD High Hold Time
0
-
0
-
0
-
tPDEX
Power Down Exit Time
2
-
2
-
2
-
3
tT
Input Transition Time
0.1
1
0.1
1
0.1
1
tFPDL
PD Low Input Window for Self-Refresh Entry
-0.5*tCK
5
-0.5*tCK
5
-0.5*tCK
53


Similar Part No. - K4C561638C-TCDA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89083AF-ACF5 SAMSUNG-K4C89083AF-ACF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACF6 SAMSUNG-K4C89083AF-ACF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-ACFB SAMSUNG-K4C89083AF-ACFB Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF5 SAMSUNG-K4C89083AF-AIF5 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
K4C89083AF-AIF6 SAMSUNG-K4C89083AF-AIF6 Datasheet
1Mb / 55P
   288Mb x18 Network-DRAM2 Specification
More results

Similar Description - K4C561638C-TCDA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV64M4AT ETC1-NT5SV64M4AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S83200J ISSI-IS42S83200J Datasheet
1Mb / 63P
   256Mb SYNCHRONOUS DRAM
IS42S32800G ISSI-IS42S32800G Datasheet
1,009Kb / 58P
   256Mb SYNCHRONOUS DRAM
IS43DR32801B ISSI-IS43DR32801B Datasheet
999Kb / 44P
   256Mb DDR2 DRAM
IS43DR32800A ISSI-IS43DR32800A Datasheet
913Kb / 41P
   256Mb DDR2 DRAM
logo
Eorex Corporation
EM488M3244VTB EOREX-EM488M3244VTB Datasheet
685Kb / 17P
   256Mb (2M횞4Bank횞32) Synchronous DRAM
EM488M3244VBA EOREX-EM488M3244VBA Datasheet
203Kb / 17P
   256Mb (2M쨈4Bank쨈32) Synchronous DRAM
EM48AM1684VBB EOREX-EM48AM1684VBB Datasheet
669Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684LBA EOREX-EM48AM1684LBA Datasheet
650Kb / 17P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
EM48AM1684VTE EOREX-EM48AM1684VTE Datasheet
222Kb / 19P
   256Mb (4M횞4Bank횞16) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com