Electronic Components Datasheet Search |
|
RH5RL31AA-T1 Datasheet(PDF) 2 Page - RICOH electronics devices division |
|
RH5RL31AA-T1 Datasheet(HTML) 2 Page - RICOH electronics devices division |
2 / 18 page VOLTAGE REGULATOR R ×5RL SERIES 1 OUTLINE The R ×5RL Series are voltage regulator ICs with high accuracy output voltage and ultra-low quiescent cur- rent by CMOS process. Each of these ICs consists of a voltage reference unit, an error amplifier, a driver tran- sistor, and resistors for setting output voltage. The output voltage is fixed with high accuracy. Three types of packages, TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold), are available. • Ultra-low Quiescent Current ...........................TYP. 1.1µA (R ×5RL30A, VIN=5.0V) • Small Dropout Voltage .....................................TYP. 30mV (R ×5RL50A, IOUT=1mA) • Low Temperature-Drift Coefficient of Output Voltage ...............TYP. ±100 ppm/˚C • Excellent Line Regulation.................................TYP. 0.1%/V • Output Voltage ..................................................Stepwise setting with a step of 0.1V in the range of 2.0V to 6.0V is possible (refer to Selection Guide). • High Accuracy Output Voltage.........................±2.5% • Three Types of Packages...................................TO-92, SOT-89 (Mini-power Mold), SOT-23-5 (Mini-mold) FEATURES APPLICATIONS • Power source for battery-powered equipment. • Power source for cameras, video instruments such as camcorders, VCRs, and hand- held communication equipment. • Precision voltage references. BLOCK DIAGRAM 2 1 3 Vref VOUT GND VIN – + 1 |
Similar Part No. - RH5RL31AA-T1 |
|
Similar Description - RH5RL31AA-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |