Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9K2G08U0M Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K9K2G08U0M
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K2G08U0M Datasheet(HTML) 1 Page - Samsung semiconductor

  K9K2G08U0M Datasheet HTML 1Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 2Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 3Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 4Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 5Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 6Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 7Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 8Page - Samsung semiconductor K9K2G08U0M Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
FLASH MEMORY
1
K9W4G08U1M
K9W4G16U1M
K9K2G08U0M
K9K2G16Q0M
K9K2G08Q0M
K9K2G16U0M
Document Title
256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near your office.
Revision No
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Remark
Advance
History
1. Initial issue
1. IOL(R/B) of 1.8V device is changed.
-min. Value: 7mA -->3mA
-typ. Value: 8mA -->4mA
1. 5th cycle of ID is changed
: 40h --> 44h
1. Add WSOP Package Dimensions.
1. Add two-K9K2GXXU0M-YCB0/YIB0 Stacked Package
1. Min valid block of K9W4GXXU1M-YCB0/YIB0 is changed .
- min. 4016 --> 4036
1.
Each K9K2GXXX0M chip in the K9W4GXXU1M has Maximum 30
invalid blocks.
2. K9W4GXXU1M’s ID is changed
(Before)
(After)
1. Add the Rp vs tr ,tf & Rp vs ibusy graph for 1.8V device (Page 36)
2. Add the data protection Vcc guidence for 1.8V device - below about 1.1V.
(Page 37)
The min. Vcc value 1.8V devices is changed.
K9K2GXXQ0M : Vcc 1.65V~1.95V --> 1.70V~1.95V
Device
2nd Cycle
3rd cycle
4th Cycle 5th Cycle
K9W4G08U1M
DCh
C3
15h
4Ch
K9W4G16U1M
CCh
C3
55h
4Ch
Device
2nd Cycle
3rd cycle
4th Cycle
5th Cycle
K9W4G08U1M
DAh
C1
15h
44h
K9W4G16U1M
CAh
C1
55h
44h
Draft Date
Aug. 30.2001
Nov. 5.2001
Jan. 23. 2002
May.29.2002
Aug.13.2002
Aug. 22.2002
Nov. 07.2002
Nov. 22.2002
Mar. 6.2003


Similar Part No. - K9K2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M SAMSUNG-K9K2G08U0M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-FCB0 SAMSUNG-K9K2G08U0M-FCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-FIB0 SAMSUNG-K9K2G08U0M-FIB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-PCB0 SAMSUNG-K9K2G08U0M-PCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U0M-PIB0 SAMSUNG-K9K2G08U0M-PIB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
More results

Similar Description - K9K2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com