Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

685080811 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 685080811
Description  1.02mm (.040") Tab, Wire-To-Wire Housing, Female, 8 Circuits, with TPA?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

685080811 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  685080811 Datasheet HTML 1Page - Molex Electronics Ltd. 685080811 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0685080811
Status:
Active
Description:
1.02mm (.040") Tab, Wire-To-Wire Housing, Female, 8 Circuits, with TPA™
Documents:
3D Model
Product Specification PS-104000-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
68508
Product Name
N/A
Physical
Circuits (maximum)
8
Color - Resin
Black, Yellow
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +80°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-104000-001
Sales Drawing
SD-68508-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68508Series
Mates With
68507-0811 , 68507-0821
Use With
50660-9001 , 68510-0883 , 50654-1001
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 685080811

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68508-0811 MOLEX11-68508-0811 Datasheet
43Kb / 1P
   1.02mm Tab, Wire-to-Wire Housing, Female, 8 Circuits, with TPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com