Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM718FV4021H-6 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM718FV4021H-6
Description  128Kx36 & 256Kx18 Synchronous Pipelined SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718FV4021H-6 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM718FV4021H-6 Datasheet HTML 2Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 3Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 4Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 5Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 6Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 7Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 8Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 9Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.0
KM718FV4021
128Kx36 & 256Kx18 SRAM
- 6 -
KM736FV4021
Dec. 1998
Z0=50
50
1.25V
*Capacitive load consists of all components
AC TEST CONDITIONS
Parameter
Symbol
Value
Unit
Core Power Supply Voltage
VDD
3.15~3.45
V
Output Power Supply Voltage
VDDQ
2.4~2.6
V
Input High/Low Level
VIH/VIL
1.7/0.7
V
Clock Input High/Low Level(PECL)
VIH/VIL
2.4/1.5
V
Input Rise/Fall Time
TR/TF
1.0/1.0
ns
Clock Input Rise/Fall Time(PECL)
TR/TF
1.0/1.0
ns
Input and Out Timing Reference Level
1.25
V
Clock Input Timing Reference Level
Cross Point
V
AC TEST OUTPUT LOAD
Dout
of the tester environment
20pF*
AC CHARACTERISTICS
Parameter
Symbol
-5
-6
-7
Unit
Note
Min
Max
Min
Max
Min
Max
Clock Cycle Time
tKHKH
5.0
-
6.0
-
7.0
-
ns
Clock High Pulse Width
tKHKL
1.5
-
1.5
-
1.5
-
ns
Clock Low Pulse Width
tKLKH
1.5
-
1.5
-
1.5
-
ns
Clock High to Output Valid
tKHQV
-
2.5
-
3.0
-
3.5
ns
Clock High to Output Hold
tKHQX
0.5
-
0.5
-
0.5
-
ns
Address Setup Time
tAVKH
0.5
-
0.5
-
0.5
-
ns
Address Hold Time
tKHAX
1.0
-
1.0
-
1.0
-
ns
Write Data Setup Time
tDVKH
0.5
-
0.5
-
0.5
-
ns
Write Data Hold Time
tKHDX
1.0
-
1.0
-
1.0
-
ns
SW, SW[a:d] Setup Time
tWVKH
0.5
-
0.5
-
0.5
-
ns
SW, SW[a:d] Hold Time
tKHWX
1.0
-
1.0
-
1.0
-
ns
SS Setup Time
tSVKH
0.5
-
0.5
-
0.5
-
ns
SS Hold Time
tKHSX
1.0
-
1.0
-
1.0
-
ns
Clock High to Output Hi-Z
tKHQZ
-
2.5
-
3.0
-
3.5
ns
Clock High to Output Low-Z
tKHQX1
0.5
-
0.5
-
0.5
-
ns
G High to Output High-Z
tGHQZ
-
2.5
-
3.0
-
3.5
ns
G Low to Output Low-Z
tGLQX
0.5
-
0.5
-
0.5
-
ns
G Low to Output Valid
tGLQV
-
2.5
-
3.0
-
3.5
ns
ZZ High to Power Down(Sleep Time)
tZZE
-
5.0
-
6.0
-
7.0
ns
ZZ Low to Recovery(Wake-up Time)
tZZR
-
5.0
-
6.0
-
7.0
ns
PIN CAPACITANCE
NOTE : Periodically sampled and not 100% tested.(dV=0V, f=1MHz)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
CIN
4
5
pF
Output Capacitance
COUT
7
8
pF


Similar Part No. - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM718N FRONTIER-KM718N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM718N FRONTIER-KM718N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM718N-LFR FRONTIER-KM718N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Similar Description - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com