Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0743201304 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0743201304
Description  MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, with Shielding, with Beveled Metal Pins, Gold(Au) Flash Plating, 2.34mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0743201304 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0743201304 Datasheet HTML 1Page - Molex Electronics Ltd. 0743201304 Datasheet HTML 2Page - Molex Electronics Ltd. 0743201304 Datasheet HTML 3Page - Molex Electronics Ltd. 0743201304 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0743201304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743201000 MOLEX8-0743201000 Datasheet
250Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, 2.34mm (.092") P.C. Tail Length, 29 Circuits, Lead Free
0743201000 MOLEX1-0743201000 Datasheet
35Kb / 2P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right-Angle, 2.34mm PC Tail Length, 29 Circuits, Lead-Free
0743201000 MOLEX1-0743201000_18 Datasheet
35Kb / 2P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right-Angle, 2.34mm PC Tail Length, 29 Circuits, Lead-Free
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743201003 MOLEX1-0743201003 Datasheet
34Kb / 2P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right-Angle, 3.12mm PC Tail Length, 29 Circuits, Lead-Free
More results

Similar Description - 0743201304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743209034 MOLEX8-0743209034 Datasheet
212Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, PanelMount,Through Hole, Right Angle, Gold (Au) Flash, 2.34mm (.092") P.C. Tail Length, with Beveled Metal Pins
0743209064 MOLEX8-0743209064 Datasheet
269Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, 2.34mm (.092
0743209004 MOLEX8-0743209004 Datasheet
213Kb / 4P
   MicroCross??DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, ThroughHole, ATX with Beveled Metal Pins, Right Angle, Gold (Au) Flash, 2.34mm (.092")
0743209014 MOLEX8-0743209014 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, Gold Flash, Lead Free, Screw
0743209043 MOLEX8-0743209043 Datasheet
207Kb / 4P
   MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Through Hole, Right Angle, with Beveled Metal
0743201004 MOLEX8-0743201004 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
0743201007 MOLEX8-0743201007 Datasheet
249Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through HoleRight Angle, Gold (Au) Flash Plating, 3.12mm (.123
0743209024 MOLEX8-0743209024 Datasheet
195Kb / 4P
   MicroCross??DVI-I Digital Interface, PCB Receptacle, Panel Mount, Through Hole,Right Angle, ATX with Beveled Metal Pins, Gold (Au) Flash,with 4.75mm (.187") Jack
0743201003 MOLEX8-0743201003 Datasheet
249Kb / 4P
   MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole, Right Angle, 3.12mm
0743209010 MOLEX8-0743209010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com