Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702871028 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0702871028
Description  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 60 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871028 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0702871028 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871028 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871028 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871028 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871028 Datasheet HTML 5Page - Molex Electronics Ltd. 0702871028 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0702871028
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid® Header, Breakaway, Dual Row, Vertical, with Retention
Pin, 60 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-70280 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70287
Application
Board-to-Board, Wire-to-Board
Product Name
C-Grid®
Physical
Breakaway
Yes
Circuits (Loaded)
60
Circuits (maximum)
60
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
N/A
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
152.400
Plating min: Mating (µm)
3.81
Plating min: Termination (µin)
152.400
Plating min: Termination (µm)
3.81
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70287Series
Mates With
7859 Shunt, C-Grid Receptacles, SL™
Crimp, FFC and IDT Housing


Similar Part No. - 0702871028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871020 MOLEX8-0702871020 Datasheet
319Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
0702871021 MOLEX8-0702871021 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 46 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871022 MOLEX8-0702871022 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 48 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871023 MOLEX8-0702871023 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 50 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871024 MOLEX8-0702871024 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 52 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com