Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0714361864 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0714361864
Description  1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 7.35mm (.289") Unmated Height, without PCB Locator Pegs, with
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0714361864 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0714361864 Datasheet HTML 1Page - Molex Electronics Ltd. 0714361864 Datasheet HTML 2Page - Molex Electronics Ltd. 0714361864 Datasheet HTML 3Page - Molex Electronics Ltd. 0714361864 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0714361864
Status:
Active
Description:
1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical
Stacking, 64 Circuits, 7.35mm (.289") Unmated Height, without PCB Locator Pegs, with
Robotic Placement Metal Cap, Embossed Tape on Reel Packaging
Documents:
3D Model
Product Specification PS-71436-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
71436
Application
Board-to-Board
Product Name
Mezzanine
Physical
Breakaway
No
Circuits (Loaded)
64
Circuits (maximum)
64
Color - Resin
Natural
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Mated Height (in)
0.354 In, 0.433 In, 0.551 In
Mated Height (mm)
11.00 mm, 14.00 mm, 9.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.040 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
76.4
Plating min: Termination (µm)
1.91
Polarized to Mating Part
No
Robotic Placement
Pick and Place Cap
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71436Series
Mates With
714390 for Stack Height 9mm, 714391
for Stack Height 11mm, 714393 for Stack
Height 14mm


Similar Part No. - 0714361864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714361164 MOLEX8-0714361164 Datasheet
289Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 7.35mm (.289") Unmated Height, with PCB Locator Pegs, without
0714361364 MOLEX8-0714361364 Datasheet
289Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits, 7.35mm (.289") Unmated Height, with PCB Locator Pegs, with Robotic Placement Metal Cap
0714361464 MOLEX8-0714361464 Datasheet
289Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits
0714361564 MOLEX8-0714361564 Datasheet
289Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com