Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0712513101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0712513101
Description  1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits2.5V DDR, 10.00mm (.394") Latch Length
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0712513101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0712513101 Datasheet HTML 1Page - Molex Electronics Ltd. 0712513101 Datasheet HTML 2Page - Molex Electronics Ltd. 0712513101 Datasheet HTML 3Page - Molex Electronics Ltd. 0712513101 Datasheet HTML 4Page - Molex Electronics Ltd. 0712513101 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0712513101
Status:
Active
Description:
1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits,
2.5V DDR, 10.00mm (.394") Latch Length
Documents:
3D Model
Product Specification PS-71243-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
71251
Comments
Function Key Center, Voltage Key Center
Component Type
Memory Module
JEDEC Outline
MO-172
Product Name
DDR DIMM, DIMM
Physical
Circuits (Loaded)
200
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Function Key
Detail Y
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.81
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V
Voltage Key
Center
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification
PS-71243-9999
Sales Drawing
SDA-71251-3***
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71251Series
Mates With
JEDEC MO-172 modules


Similar Part No. - 0712513101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0712513001 MOLEX8-0712513001 Datasheet
201Kb / 4P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits, 3.3V LVTTL, 10.00mm (.394") Latch Length
0712513002 MOLEX8-0712513002 Datasheet
201Kb / 4P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 200 Circuits,3.3V SDRAM, 10.00mm (.394") Latch Length
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com