Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0685060414 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0685060414
Description  6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0685060414 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0685060414 Datasheet HTML 1Page - Molex Electronics Ltd. 0685060414 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0685060414
Status:
Active
Description:
6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
Documents:
3D Model
Product Specification PS-68506-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
68506
Component Type
Socket
Product Name
N/A
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black, Blue
Durability (mating cycles max)
Contact Molex
Entry Angle
Vertical
Keying to Mating Part
N/A
Material - Resin
Polyester
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.236 In, 0.315 In
Pitch - Mating Interface (mm)
6.00 mm, 8.00 mm
Pitch - Term. Interface (in)
0.236 In, 0.315 In
Pitch - Term. Interface (mm)
6.00 mm, 8.00 mm
Temperature Range - Operating
-40°C to +120°C
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
PS-68506-001
Sales Drawing
SD-68506-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68506Series
Use With
35427 6.00mm (.236") Tab Wire-to-Wire
Terminal
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0685060414

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0685060511 MOLEX8-0685060511 Datasheet
110Kb / 2P
   6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
0685060513 MOLEX8-0685060513 Datasheet
110Kb / 2P
   6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com