Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73644-1218 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 73644-1218
Description  2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, Press-Fit, Guide Post Location N/A, Polarizing Key Position N/A, 144 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73644-1218 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  73644-1218 Datasheet HTML 1Page - Molex Electronics Ltd. 73644-1218 Datasheet HTML 2Page - Molex Electronics Ltd. 73644-1218 Datasheet HTML 3Page - Molex Electronics Ltd. 73644-1218 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0818
Sales Drawing
SDA-73644-****
HDM and High Density Metric are trademarks of Amphenol Corporation
Extraction Tool
0621001000
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73644-1218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73644-1212 MOLEX8-73644-1212 Datasheet
178Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location B, Polarizing Key Position G, 144 Circuits
73644-1213 MOLEX8-73644-1213 Datasheet
178Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location A, Polarizing Key Position G, 144 Circuits
73644-1215 MOLEX8-73644-1215 Datasheet
178Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location A, Polarizing Key Position H, 144 Circuits
73644-1216 MOLEX8-73644-1216 Datasheet
179Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Guide Post Location B, Polarizing Key Position N/A, 144 Circuits
73644-1217 MOLEX8-73644-1217 Datasheet
179Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, Press- Fit, Guide Post Location A, Polarizing Key Position N/A, 144 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com