Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1351 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SB1351
Description  Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SB1351 Datasheet(HTML) 1 Page - Sanken electric

  2SB1351 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–20
–15
–2
–1
–6
–5
–4
–3
Collector-Emitter Voltage V CE(V)
–6mA
–3mA
–4mA
–2mA
I B=–1mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
–3
–2
–1
–0.1
–1
–100
–10
Base Current I B(mA)
–1A
–5A
I C=–10A
–0.3
–1
–20
–10
–5
Collector Current I C(A)
(V CE=–4V)
800
10000
5000
1000
–10
–50
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
50x50x2
100x100x2
150x150x2
Without Heatsink
–5
–2
–100
–0.05
–1
–0.5
–0.1
–10
–30
–5
Collector-Emitter Voltage V CE(V)
DC
20000
Typ
Without Heatsink
Natural Cooling
0
–20
–10
–15
–5
0
–2.4
–2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
(V CE=–4V)
–0.3
–0.5
–1
–5
–20
–10
500
5000
1000
20000
10000
Collector Current I C(A)
25˚C
–30˚C
125˚C
0.3
0.5
5
1
1
1 0
100
1000
Time t(ms)
0.05 0.1
5
1 0
0.5
1
2 0
120
80
0
40
200
240
160
(V CE=–12V)
Emitter Current I E(A)
Typ
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon PNP Epitaxial Planar Transistor
Application : Driver for Printer Head, Solenoid, Relay, Motor and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–60
–60
–6
–12(Pulse–20)
–1
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
–10max
–10max
–60min
2000min
–1.5max
–2.0max
130typ
170typ
Unit
µA
mA
V
V
V
MHz
pF
Condition
VCB=–60V
VEB=–6V
IC=–10mA
VCE=–4V, IC=–10A
IC=–10A, IB=–20mA
IC=–10A, IB=–20mA
VCE=–12V, IE=1A
VCB=–10V, f=1MHz
Darlington
2SB1351
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–40
RL
(
Ω)
4
IC
(A)
–10
VBB2
(V)
5
IB2
(mA)
20
ton
(
µs)
0.7typ
tstg
(
µs)
1.5typ
tf
(
µs)
0.6typ
IB1
(mA)
–20
VBB1
(V)
–10
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
External Dimensions FM20(TO220F)
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(2 k
Ω)(100Ω)
Equivalent circuit


Similar Part No. - 2SB1351

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SB1351 SANKEN-2SB1351 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SB1351 ISC-2SB1351 Datasheet
255Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Sanken electric
2SB1351 SANKEN-2SB1351_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SB1351

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SB1352 SANKEN-2SB1352 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Printer Head, Solenoid, Relay, Motor and General Purpose)
2SB1258 SANKEN-2SB1258 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SB1259 SANKEN-2SB1259 Datasheet
26Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SB1257 SANKEN-2SB1257 Datasheet
26Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD2017 SANKEN-2SD2017 Datasheet
25Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD2015 SANKEN-2SD2015 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SD1796 SANKEN-2SD1796 Datasheet
26Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
2SC3852 SANKEN-2SC3852 Datasheet
23Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(Driver for Solenoid and Motor, Series Regulator and General Purpose)
2SB1383 SANKEN-2SB1383 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Chopper Regulator, DC Motor Driver and General Purpose)
2SA1567 SANKEN-2SA1567 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(DC Motor Driver, Chopper Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com