Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74162-0422 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 74162-0422
Description  2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded, Version A, High-Temperature, 22 Circuits, 0.8關m (30關") Gold (Au)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74162-0422 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 74162-0422 Datasheet HTML 2Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 3Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 4Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 5Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 6Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 7Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 8Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 9Page - Molex Electronics Ltd. 74162-0422 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image


Similar Part No. - 74162-0422

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74162-0420 MOLEX8-74162-0420 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded, Version A, High-Temperature, 20 Circuits, 0.8關m (30關") Gold (Au)
74162-0424 MOLEX8-74162-0424 Datasheet
1Mb / 10P
   2.54mm (.100") Pitch C-Grid Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version A
74162-0428 MOLEX8-74162-0428 Datasheet
1Mb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 76 Circuits, 8.13mm (.320") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com