Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74337-0065 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74337-0065
Description  0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, with Screw Locks, without Cover
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74337-0065 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74337-0065 Datasheet HTML 1Page - Molex Electronics Ltd. 74337-0065 Datasheet HTML 2Page - Molex Electronics Ltd. 74337-0065 Datasheet HTML 3Page - Molex Electronics Ltd. 74337-0065 Datasheet HTML 4Page - Molex Electronics Ltd. 74337-0065 Datasheet HTML 5Page - Molex Electronics Ltd. 74337-0065 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743370065
Status:
Active
Description:
0.80mm (.031") Pitch Ultra+™ VHDCI Receptacle, Stacked, Right Angle, Enhanced
Shield, Press-Fit PCB Retention Option, 136 Circuits, with Screw Locks, without Cover
Documents:
3D Model
Product Specification PS-71425-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
74337
Application
Wire-to-Board
Comments
Without Top Cover
Component Type
Receptacle
Product Name
SCSI+, VHDCI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
136
Circuits (maximum)
136
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Gender
Female
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.143 In
PC Tail Length (mm)
3.62 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
2
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74337Series
Mates With
71425 Ultra+™ VHDCI Plug Kit


Similar Part No. - 74337-0065

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74337-0060 MOLEX8-74337-0060 Datasheet
678Kb / 6P
   0.80mm (.031) Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, Four Press-Fit Boardlocks, 136 Circuits, PC Tail Length 2.30mm (.091)
74337-0061 MOLEX-74337-0061 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
74337-0062 MOLEX8-74337-0062 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, without Screw Locks and Cover
74337-0063 MOLEX8-74337-0063 Datasheet
678Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, Version 4Footprint, 136 Circuits
74337-0064 MOLEX-74337-0064 Datasheet
668Kb / 2P
   0.80mm (.031") Pitch UltraVHDCI Wire-to-Board Receptacle
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com