Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68561-0022 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 68561-0022
Description  1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92Length, Gold Flash, 3.3V5V12V, Leadfree
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

68561-0022 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  68561-0022 Datasheet HTML 1Page - Molex Electronics Ltd. 68561-0022 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0685610022
Status:
Active
Overview:
serial_ata_products
Description:
1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92' )
Length, Gold Flash, 3.3V+5V+12V, Leadfree
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
68561
Connector to Connector
Serial ATA-to-Pigtail
Overview
serial_ata_products
Product Name
Serial ATA
Physical
Cable Length
1.50m (4.92' )
Circuits (Loaded)
5
Gender
Female-Pigtail
Lock to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Packaging Type
Bag
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Single Ended
Yes
Termination Interface: Style
IDT or Pierce
Wire Insulation Diameter
N/A
Wire Size AWG
18
Wire/Cable Type
PVC
Electrical
Current - Maximum per Contact
1.5A
Impedance
100 ohms
Shielded
No
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-68561-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68561Series
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 68561-0022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
68561-0020 MOLEX8-68561-0020 Datasheet
89Kb / 2P
   1.27mm (.050) Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92) Length, Gold Flash, 5V12V, Leadfree
68561-0021 MOLEX8-68561-0021 Datasheet
89Kb / 2P
   1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92 )Length, 0.76關m (30關") Gold (Au), 5V12V, Leadfree
68561-0023 MOLEX8-68561-0023 Datasheet
90Kb / 2P
   1.27mm (.050") Pitch Serial ATA Power Latching Harness-to-Pigtail, IDT, 1.50m (4.92 )Length, 0.76關m (30關") Gold (Au), 3.3V5V12V, Leadfree
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com