Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71349-1079 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71349-1079
Description  2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded,26 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71349-1079 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71349-1079 Datasheet HTML 1Page - Molex Electronics Ltd. 71349-1079 Datasheet HTML 2Page - Molex Electronics Ltd. 71349-1079 Datasheet HTML 3Page - Molex Electronics Ltd. 71349-1079 Datasheet HTML 4Page - Molex Electronics Ltd. 71349-1079 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0713491079
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Header, Surface Mount, Dual Row, Vertical, Shrouded,
26 Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
Documents:
3D Model
Product Specification PS-71349-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
71349
Application
Wire-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
26
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.000 In
PC Tail Length (mm)
0.00 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.000 In
PCB Thickness Recommended (mm)
0.00 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.875
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71349Series
Mates With
70013 Interim Clip, 70450a Crimp Housing,
71850 Through-hole Receptacle, 71395
SMT Receptacle


Similar Part No. - 71349-1079

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71349-1070 MOLEX8-71349-1070 Datasheet
433Kb / 5P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, Shrouded, 8 Circuits, 0.76m (30")
71349-1071 MOLEX8-71349-1071 Datasheet
433Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded10 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
71349-1072 MOLEX8-71349-1072 Datasheet
433Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded,12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
71349-1073 MOLEX8-71349-1073 Datasheet
433Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded,14 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
71349-1074 MOLEX8-71349-1074 Datasheet
433Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, Shrouded16 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, without Press-fit Plastic Pegs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com