Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0714300016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0714300016
Description  0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, 68 Circuits, PC TailLength 2.71mm (.107"), Shield with Standard Ground Tabs, Screwlocks Loose in Bags
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0714300016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0714300016 Datasheet HTML 1Page - Molex Electronics Ltd. 0714300016 Datasheet HTML 2Page - Molex Electronics Ltd. 0714300016 Datasheet HTML 3Page - Molex Electronics Ltd. 0714300016 Datasheet HTML 4Page - Molex Electronics Ltd. 0714300016 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0714300016
Status:
Active
Description:
0.80mm (.031") Pitch Ultra+™ VHDCI Receptacle, Right Angle, 68 Circuits, PC Tail
Length 2.71mm (.107"), Shield with Standard Ground Tabs, Screwlocks Loose in Bags
Documents:
3D Model
Product Specification PS-71425-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
71430
Application
Wire-to-Board
Comments
Shield with Standard Ground Tabs, Screwlocks Loose in
Bags
Component Type
Receptacle
Product Name
SCSI+, VHDCI
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
68
Circuits (maximum)
68
Color - Resin
Black
Durability (mating cycles max)
500
Gender
Receptacle
Lock to Mating Part
Yes
Material - Metal
Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.107 In
PC Tail Length (mm)
2.71 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tube
Panel Mount
Yes
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.90
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71430Series
Mates With
71425 Ultra+™ VHDCI Plug Kit


Similar Part No. - 0714300016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714300012 MOLEX8-0714300012 Datasheet
421Kb / 5P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, 68 Circuits, PC TailLength 2.71mm (.107"), Shield with Enhanced Ground Tabs, No Screwlocks
0714300019 MOLEX8-0714300019 Datasheet
431Kb / 5P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Right Angle, 68 Circuits, PC TailLength 2.71mm (.107"), Shield with Enhanced Ground Tabs, Screwlocks Loose in Bags
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com