Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702871041 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0702871041
Description  2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 86 Circuits, 6.10mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871041 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0702871041 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871041 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871041 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871041 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871041 Datasheet HTML 5Page - Molex Electronics Ltd. 0702871041 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
70287
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2010-0011
A
DATE:
3/2/2010
TITLE:
SALES ASS’Y – HIGH TEMP.
DUAL ROW, .025” SQ PINS
.100” GRID W/ RET. PINS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-70287-004
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-70287-1196 / 1244
DIM. C
(6.10) / .240
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(11.56) / .455
MATING SIDE PLATING
30 GOLD
DIM. D (MEASURE PT.)
(2.54) / .100
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1196
54
70287-1221
06
70287-1197
56
70287-1222
08
70287-1198
58
70287-1223
10
70287-1199
60
70287-1224
12
70287-1200
62
70287-1225
14
70287-1201
64
70287-1226
16
70287-1202
66
70287-1227
18
70287-1203
68
70287-1228
20
70287-1204
70
70287-1229
22
70287-1205
72
70287-1230
24
70287-1206
74
70287-1231
26
70287-1207
76
70287-1232
28
70287-1208
78
70287-1233
30
70287-1209
80
70287-1234
32
70287-1210
82
70287-1235
34
70287-1211
84
70287-1236
36
70287-1212
86
70287-1237
38
70287-1213
88
70287-1238
40
70287-1214
90
70287-1239
42
70287-1215
92
70287-1240
44
70287-1216
94
70287-1241
46
70287-1217
96
70287-1242
48
70287-1218
98
70287-1243
50
70287-1219
100
70287-1244
52
70287-1220
ENG. NO: A-70287-1294
DIM. C
(6.10) / .240
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(11.56) / .455
MATING SIDE PLATING
TIN
DIM. D (MEASURE PT.)
(2.54) / .100
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
ROW B - CKTS 1, 5
(SEE NOTE 6, SHEET 1)
PACKAGING
BULK - PK-70873-0353
VOID PIN LOCATION
CKTS
MATERIAL NUMBER
ROW
LOCATION
A
2, 3
10
70287-1294
B
2, 3


Similar Part No. - 0702871041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871040 MOLEX8-0702871040 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 84 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871042 MOLEX8-0702871042 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 88 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871043 MOLEX8-0702871043 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 90 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871044 MOLEX8-0702871044 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 92 Circuits, 6.10mm
0702871045 MOLEX8-0702871045 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 94 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com