Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71979-0231 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 71979-0231
Description  2.54mm (.100") Pitch C-Grid Receptacle, Surface Mount, Dual Row, Right Angle, 62 Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71979-0231 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 71979-0231 Datasheet HTML 4Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 5Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 6Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 7Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 8Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 9Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 10Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 11Page - Molex Electronics Ltd. 71979-0231 Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image


Similar Part No. - 71979-0231

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71979-0230 MOLEX8-71979-0230 Datasheet
1Mb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Surface Mount, Vertical, 68 Circuits, 3.00mm(.118") Retention Clip
71979-0232 MOLEX8-71979-0232 Datasheet
1Mb / 14P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 64 Circuits
71979-0233 MOLEX8-71979-0233 Datasheet
1Mb / 14P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 66Circuits
71979-0234 MOLEX8-71979-0234 Datasheet
1Mb / 14P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 68Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com