Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0714390864 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0714390864
Description  1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row, Vertical Stacking, Embossed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0714390864 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0714390864 Datasheet HTML 1Page - Molex Electronics Ltd. 0714390864 Datasheet HTML 2Page - Molex Electronics Ltd. 0714390864 Datasheet HTML 3Page - Molex Electronics Ltd. 0714390864 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0714390864
Status:
Active
Description:
1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,
Vertical Stacking, Embossed Tape on Reel, 0.76µm (30µ") Gold (Au), 64 Circuits Pick
and Place Cap
Documents:
3D Model
Product Specification PS-71436-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71439
Application
Board-to-Board
Comments
Plugs
Product Name
Mezzanine
Physical
Circuits (Loaded)
64
Color - Resin
Natural
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.315 In, 0.354 In, 0.394 In
Mated Height (mm)
10.00 mm, 8.00 mm, 9.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
76.4
Plating min: Termination (µm)
1.91
Polarized to PCB
No
Robotic Placement
Pick and Place Cap
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71439Series
Mates With
714360 for Stack Height 8.00mm (.315"),
714361 for Stack Height 9.00mm (.354"),
714362 for Stack Height 10.00mm (.394")


Similar Part No. - 0714390864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714390164 MOLEX8-0714390164 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits
0714390264 MOLEX8-0714390264 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,Vertical Stacking, Embossed Tape on Reel, 1.27關m (50關") Gold (Au), 64 Circuits Pick
0714390364 MOLEX8-0714390364 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits Pick and Place Cap
0714390464 MOLEX8-0714390464 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row, Vertical Stacking, Embossed Tape on Reel, 0.76關m (30關") Gold (Au), 64 Circuits Pick and Place Cap
0714390564 MOLEX8-0714390564 Datasheet
325Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Embossed Tape on Reel, 0.76關m (30關") Gold (Au), 64 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com