Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70541-0009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70541-0009
Description  2.54mm (.100") Pitch SL Header, Single Row, Vertical, .120" Pocket, Shrouded, with Beveled Plastic Peg
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

70541-0009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70541-0009 Datasheet HTML 1Page - Molex Electronics Ltd. 70541-0009 Datasheet HTML 2Page - Molex Electronics Ltd. 70541-0009 Datasheet HTML 3Page - Molex Electronics Ltd. 70541-0009 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0705410009
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Header, Single Row, Vertical, .120" Pocket, Shrouded, with
Beveled Plastic Peg, 10 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-70400 (PDF)
Packaging Specification (PDF)
Product Specification PS-70541 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70541
Application
Wire-to-Board
Overview
cgrid__sl_products
Product Name
SL™
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70541Series
Mates With
SL™ Crimp Housing 70066 , 70430 , 70400


Similar Part No. - 70541-0009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70541-0001 MOLEX8-70541-0001 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, withBeveled Plastic Peg, 2 Circuits, Tin (Sn) Plating
70541-0002 MOLEX8-70541-0002 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, withBeveled Plastic Peg, 3 Circuits, Tin (Sn) Plating
70541-0003 MOLEX8-70541-0003 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, withBeveled Plastic Peg, 4 Circuits, Tin (Sn) Plating
70541-0004 MOLEX8-70541-0004 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, withBeveled Plastic Peg, 5 Circuits, Tin (Sn) Plating
70541-0005 MOLEX8-70541-0005 Datasheet
201Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Vertical, .120" Pocket, Shrouded, withBeveled Plastic Peg, 6 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com