Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0712510026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0712510026
Description  1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits, 3.3V Standard DRAM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0712510026 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0712510026 Datasheet HTML 1Page - Molex Electronics Ltd. 0712510026 Datasheet HTML 2Page - Molex Electronics Ltd. 0712510026 Datasheet HTML 3Page - Molex Electronics Ltd. 0712510026 Datasheet HTML 4Page - Molex Electronics Ltd. 0712510026 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0712510026
Status:
Active
Description:
1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits,
3.3V Standard DRAM
Documents:
3D Model
Product Specification PS-71243-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
71251
Comments
Function Key Center, Voltage Key Center
Component Type
Memory Module
JEDEC Outline
MO-161
Product Name
DIMM
Physical
Circuits (Loaded)
168
Circuits (maximum)
168
Color - Resin
Natural
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Function Key
Center
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.090 In
PC Tail Length (mm)
2.29 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.81
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V AC (RMS)/DC
Voltage Key
Center
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71251Series
Mates With
JEDEC MO-161 modules


Similar Part No. - 0712510026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0712510020 MOLEX8-0712510020 Datasheet
387Kb / 5P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits,3.3V Standard DRAM
0712510021 MOLEX8-0712510021 Datasheet
387Kb / 5P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits,3.3V Standard DRAM
0712510022 MOLEX8-0712510022 Datasheet
387Kb / 5P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits,3.3V Unbuffered
0712510023 MOLEX8-0712510023 Datasheet
387Kb / 5P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits3.3V Unbuffered
0712510024 MOLEX8-0712510024 Datasheet
387Kb / 5P
   1.27mm (.050") Pitch DIMM Socket, Vertical, Multiple Keys, Plastic Peg, 168 Circuits3.3V Unbuffered
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com