Electronic Components Datasheet Search |
|
70553-0049 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
70553-0049 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0705530049 Status: Active Overview: cgrid__sl_products Description: 2.54mm (.100") Pitch SL™ Header, Low Profile, Single Row, Right Angle, .120" Pocket, Shrouded, 15 Circuits, Tin (Sn) Plating Documents: 3D Model Product Specification PS-70400 (PDF) Drawing (PDF) Product Specification PS-70541 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 70553 Application Wire-to-Board Overview cgrid__sl_products Product Name SL™ Physical Breakaway No Circuits (Loaded) 15 Circuits (maximum) 15 Color - Resin Black Durability (mating cycles max) 25 Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part Yes Lock to Mating Part Yes Material - Metal Brass, Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 1 Orientation Right Angle PC Tail Length (in) 0.130 In PC Tail Length (mm) 3.30 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Plating min: Mating (µin) 150 Plating min: Mating (µm) 3.75 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.75 Polarized to Mating Part Yes Shrouded Fully Stackable No Temperature Range - Operating -40°C to +105°C Termination Interface: Style Through Hole Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 70553Series Mates With 70066n , 70066g , 70430g , 70400g Housing |
Similar Part No. - 70553-0049 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |