Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0681141561 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0681141561
Description  High Density D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 15 Circuits, Standard Nut, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0681141561 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0681141561 Datasheet HTML 1Page - Molex Electronics Ltd. 0681141561 Datasheet HTML 2Page - Molex Electronics Ltd. 0681141561 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0681141561
Status:
Active
Description:
High Density D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 15
Circuits, Standard Nut, Lead Free
Documents:
3D Model
Product Specification PS-68114-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
68114
Application
Wire-to-Board
Component Type
Plug
Product Name
D-Sub
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
15
Circuits (maximum)
15
Durability (mating cycles max)
500
Gender
Receptacle
Keying to Mating Part
None
Lock to Mating Part
No
Material - Plating Mating
Gold
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.090 In
Pitch - Mating Interface (mm)
2.29 mm
Pitch - Term. Interface (in)
0.090 In
Pitch - Term. Interface (mm)
2.29 mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
350V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68114Series


Similar Part No. - 0681141561

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0681141562 MOLEX8-0681141562 Datasheet
158Kb / 3P
   High Density D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 15 Circuits, Hexagon Nut, Lead Free
More results

Similar Description - 0681141561

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0681141562 MOLEX8-0681141562 Datasheet
158Kb / 3P
   High Density D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 15 Circuits, Hexagon Nut, Lead Free
0681070961 MOLEX8-0681070961 Datasheet
215Kb / 4P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 9 Circuits, Standard Nut, Lead Free
0681082561 MOLEX8-0681082561 Datasheet
190Kb / 4P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, 25 Circuits, Standard Nut, Lead Free
0482036063 MOLEX6-0482036063 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle
0482016156 MOLEX6-0482016156 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits
0482036043 MOLEX6-0482036043 Datasheet
140Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits
0482036069 MOLEX6-0482036069 Datasheet
145Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, Full 15 Circuits, 2
0482036762 MOLEX6-0482036762 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle
0482036746 MOLEX6-0482036746 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
0482036066 MOLEX6-0482036066 Datasheet
143Kb / 3P
   High Density, DDC Compatible D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com