Electronic Components Datasheet Search |
|
678008305 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
678008305 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0678008305 Status: Active Overview: serial_ata_products Description: 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.38µm (15µ") Gold (Au) Plating, for 1.60mm (.063") PCB, High Temperature, Black, Footprint A, with PCB Locator Tabs, Lead-free Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR 19980 General Product Family PCB Headers Series 67800 Application Board-to-Board, Wire-to-Board Comments In-line Solder Pin|Footprint A Overview serial_ata_products Product Name Serial ATA Physical Breakaway No Circuits (Loaded) 7 Circuits (maximum) 7 Color - Resin Black Durability (mating cycles max) 50 First Mate / Last Break Yes Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part Yes Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.083 In PC Tail Length (mm) 2.10 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Pitch - Term. Interface (in) 0.050 In Pitch - Term. Interface (mm) 1.27 mm Polarized to Mating Part Yes Shrouded Fully Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +85°C Termination Interface: Style Through Hole Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 67800Series |
Similar Part No. - 678008305 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |