Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73659-0004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73659-0004
Description  2.00mm (.079") Pitch HDM Board-to-Board Backplane Power Module, Vertical, SMC, Power Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73659-0004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73659-0004 Datasheet HTML 1Page - Molex Electronics Ltd. 73659-0004 Datasheet HTML 2Page - Molex Electronics Ltd. 73659-0004 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0736590004
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Backplane Power Module, Vertical, SMC,
Power Receptacle, 12 Circuits, Gold (Au) 0.76µm (30µ")
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Backplane Connectors
Series
73659
Application
Backplane
Comments
Midplane Power Module
Component Type
Power Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Beryllium Copper
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Columns
1
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.098 In
PCB Thickness Recommended (mm)
2.50 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73659Series
Mates With
73651 HDM® Board-to-Board
Daughterboard Power Module


Similar Part No. - 73659-0004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73659-0001 MOLEX8-73659-0001 Datasheet
112Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMCPower Receptacle, 12 Circuits, Gold (Au) 0.76關m (30關")
73659-0002 MOLEX8-73659-0002 Datasheet
112Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMCPower Receptacle, 12 Circuits, Gold (Au) 0.76關m (30關
73659-0003 MOLEX8-73659-0003 Datasheet
112Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Power Module, Vertical, SMC, Power Receptacle, 12 Circuits, Gold (Au) 0.76關m (30關")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com