Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702871246 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0702871246
Description  2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 6 Circuits, 8.13mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871246 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0702871246 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871246 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871246 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871246 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871246 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
70287
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2010-0011
B1
DATE:
3/2/2010
TITLE:
SALES ASS’Y – HIGH TEMP.
DUAL ROW, .025” SQ PINS
.100” GRID W/ RET. PINS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-70287-003
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-70287-1245 / 1293
DIM. C
(8.13) / .320
DIM. E (REF.)
(3.18) / .125
DIM. L (REF.)
(13.59) / .535
MATING SIDE PLATING
30 GOLD
DIM. D (MEASURE PT.)
(4.57) / .180
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
SEE NOTE 6, SHEET 1
PACKAGING
BULK - PK-70873-0353
CKTS
MATERIAL NUMBER
CKTS
MATERIAL NUMBER
04
70287-1245
54
70287-1270
06
70287-1246
56
70287-1271
08
70287-1247
58
70287-1272
10
70287-1248
60
70287-1273
12
70287-1249
62
70287-1274
14
70287-1250
64
70287-1275
16
70287-1251
66
70287-1276
18
70287-1252
68
70287-1277
20
70287-1253
70
70287-1278
22
70287-1254
72
70287-1279
24
70287-1255
74
70287-1280
26
70287-1256
76
70287-1281
28
70287-1257
78
70287-1282
30
70287-1258
80
70287-1283
32
70287-1259
82
70287-1284
34
70287-1260
84
70287-1285
36
70287-1261
86
70287-1286
38
70287-1262
88
70287-1287
40
70287-1263
90
70287-1288
42
70287-1264
92
70287-1289
44
70287-1265
94
70287-1290
46
70287-1266
96
70287-1291
48
70287-1267
98
70287-1292
50
70287-1268
100
70287-1293
52
70287-1269


Similar Part No. - 0702871246

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871240 MOLEX8-0702871240 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 92 Circuits
0702871241 MOLEX8-0702871241 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 94 Circuits, 6.10mm (.240")
0702871242 MOLEX8-0702871242 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 96 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871243 MOLEX8-0702871243 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 98 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871244 MOLEX8-0702871244 Datasheet
318Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 100 Circuits, 6.10mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com