Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0713085408 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0713085408
Description  2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 8 Circuits, 1.50um (59u") Minimum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0713085408 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0713085408 Datasheet HTML 1Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 2Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 3Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 4Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 5Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 6Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 7Page - Molex Electronics Ltd. 0713085408 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image


Similar Part No. - 0713085408

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0713085404 MOLEX8-0713085404 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits,1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, without PCB Locator Pegs
0713085406 MOLEX8-0713085406 Datasheet
1Mb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Daughterboard Power Module, RightAngle, SMC, 3-Blade Module, 3 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com