Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73809-0216 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73809-0216
Description  2.00mm (.079") Pitch HDM Board-to-Board Midplane Header, Vertical, Press-Fit, Closed End, Guide Post
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73809-0216 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73809-0216 Datasheet HTML 1Page - Molex Electronics Ltd. 73809-0216 Datasheet HTML 2Page - Molex Electronics Ltd. 73809-0216 Datasheet HTML 3Page - Molex Electronics Ltd. 73809-0216 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0738090216
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Midplane Header, Vertical, Press-Fit,
Closed End, Guide Post A Location, H Polarization Key, 72 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
73809
Application
Midplane
Component Type
Shroud Housing
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Stainless Steel
Material - Resin
High Temperature Thermoplastic
Number of Columns
12
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Electrical
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
72
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0818
Sales Drawing
SD-73809-001
HDM and High Density Metric are trademarks of Amphenol Corporation
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73809Series
Mates With
73632 HDM PLUS® Board-to-Board
Daughtercard Receptacle. 73780 HDM®
Board-to-Board Daughtercard Receptacle


Similar Part No. - 73809-0216

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73809-0210 MOLEX8-73809-0210 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, Press-FitClosed End, Guide Post A Location, E Polarization Key, 72 Circuits
73809-0211 MOLEX8-73809-0211 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch HDM Board-to-Board Midplane Header, Vertical, Press-Fit, Closed End, Guide Post B
73809-0212 MOLEX8-73809-0212 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, Press-Fit, Closed End, Guide Post A Location, F Polarization Key, 72 Circuits
73809-0213 MOLEX8-73809-0213 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, Press-FitClosed End, Guide Post B Location, C Polarization Key, 72 Circuits
73809-0215 MOLEX8-73809-0215 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, Press-Fit,Closed End, Guide Post B Location, H Polarization Key, 72 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com