Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70246-2602 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70246-2602
Description  2.54mm (.100") Pitch C-Grid짰 Header, Low Profile, Dual Row, Vertical, Shrouded, 26 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

70246-2602 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70246-2602 Datasheet HTML 1Page - Molex Electronics Ltd. 70246-2602 Datasheet HTML 2Page - Molex Electronics Ltd. 70246-2602 Datasheet HTML 3Page - Molex Electronics Ltd. 70246-2602 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0702462602
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Header, Low Profile, Dual Row, Vertical, Shrouded, 26
Circuits, 0.76µm (30µ") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70246
Application
Wire-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
26
Circuits (maximum)
26
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
75.2
Plating min: Termination (µm)
1.88
Polarized to Mating Part
Center Slot
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +120°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70246Series
Mates With
70450 SL™ Crimp Housing, 70058 SL™
Crimp Terminal


Similar Part No. - 70246-2602

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70246-2601 MOLEX8-70246-2601 Datasheet
187Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Header, Low Profile, Dual Row, Vertical, Shrouded, 26Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
70246-2604 MOLEX8-70246-2604 Datasheet
187Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Low Profile, Dual Row, Vertical, Shrouded, 26 Circuits, 0.127關m (5關) Gold (Au) Plating, Tin(Sn) PC Tail Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com