Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74695-1102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74695-1102
Description  2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Open End Version, Advanced Mate Shield, 40 Circuits, Pin Length 6.25mm (.246")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74695-1102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74695-1102 Datasheet HTML 1Page - Molex Electronics Ltd. 74695-1102 Datasheet HTML 2Page - Molex Electronics Ltd. 74695-1102 Datasheet HTML 3Page - Molex Electronics Ltd. 74695-1102 Datasheet HTML 4Page - Molex Electronics Ltd. 74695-1102 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0746951102
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal
Module, Open End Version, Advanced Mate Shield, 40 Circuits, Pin Length 6.25mm
(.246")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19880
General
Product Family
Backplane Connectors
Series
74695
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Open Header
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
Open Pin Field
Number of Rows
5
Orientation
Vertical
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74695Series
Mates With
74670 HSD Daughtercard
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® 5 Row Pin
and Shield Repair
Tool
0622015810
VHDM® 5 Row
Shield Extraction
Tool
0622016010
VHDM-HSD™ Signal
Header, 5 Row by
10 Wide, 20.00mm
(.787")
0622020201


Similar Part No. - 74695-1102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74695-1101 MOLEX8-74695-1101 Datasheet
408Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 40 Circuits, Pin Length 4.75mm
74695-1103 MOLEX8-74695-1103 Datasheet
408Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Open End Version, Advanced Mate Shield, 40 Circuits, Pin Length 4.25mm
74695-1104 MOLEX8-74695-1104 Datasheet
409Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Open End Version
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com