Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71660-7250 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71660-7250
Description  1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical, Blind-Mate, 50 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71660-7250 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71660-7250 Datasheet HTML 1Page - Molex Electronics Ltd. 71660-7250 Datasheet HTML 2Page - Molex Electronics Ltd. 71660-7250 Datasheet HTML 3Page - Molex Electronics Ltd. 71660-7250 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0716607250
Status:
Active
Description:
1.27mm (.050") Pitch EBBI™ 50D Receptacle, Vertical, Blind-Mate, 50 Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71660
Application
Board-to-Board
Application Tooling Part Link
622004600
Application Tooling Part Link
622005500
Product Name
EBBI™
Physical
Circuits (Loaded)
50
Color - Resin
Black
Durability (mating cycles max)
2,000
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.134 In
PC Tail Length (mm)
3.40 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
10
Plating min: Termination (µm)
0.25
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-71660-7***
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71660Series
Mates With
71661-7xxx , 71661-25xx
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
IDT - Manual Press 0622004600
IDT - Manual Press 0622005500


Similar Part No. - 71660-7250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71660-7230 MOLEX8-71660-7230 Datasheet
219Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 30 Circuits
71660-7240 MOLEX8-71660-7240 Datasheet
219Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 40 Circuits
71660-7260 MOLEX8-71660-7260 Datasheet
216Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 60 Circuits
71660-7268 MOLEX8-71660-7268 Datasheet
217Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 68 Circuits
71660-7280 MOLEX8-71660-7280 Datasheet
216Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical, Blind-Mate, 80 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com