Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-51-0093 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 705-51-0093
Description  2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 24 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

705-51-0093 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  705-51-0093 Datasheet HTML 1Page - Molex Electronics Ltd. 705-51-0093 Datasheet HTML 2Page - Molex Electronics Ltd. 705-51-0093 Datasheet HTML 3Page - Molex Electronics Ltd. 705-51-0093 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0015
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70551-****
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 705-51-0093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
705-51-0007 MOLEX8-705-51-0007 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 8 Circuits, Tin (Sn) Plating
705-51-0010 MOLEX8-705-51-0010 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 11 Circuits, Tin (Sn) Plating
705-51-0011 MOLEX8-705-51-0011 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 12 Circuits, Tin (Sn) Plating
705-51-0016 MOLEX8-705-51-0016 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Beveled Plastic Peg, 17 Circuits, Tin (Sn) Plating
705-51-0019 MOLEX8-705-51-0019 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 20 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com