Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0702871022 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0702871022
Description  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 48 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871022 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0702871022 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871022 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871022 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871022 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871022 Datasheet HTML 5Page - Molex Electronics Ltd. 0702871022 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Product Specification
PS-70280
Sales Drawing
SD-70287-004
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0702871022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0702871020 MOLEX8-0702871020 Datasheet
319Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 44 Circuits, 6.10mm (.240) Mating Pin Length, Tin (Sn) Plating
0702871021 MOLEX8-0702871021 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 46 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871023 MOLEX8-0702871023 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 50 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871024 MOLEX8-0702871024 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 52 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
0702871025 MOLEX8-0702871025 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 54 Circuits, 6.10mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com