Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-70575-0007 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-70575-0007
Description  2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 8 Circuits, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

A-70575-0007 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-70575-0007 Datasheet HTML 1Page - Molex Electronics Ltd. A-70575-0007 Datasheet HTML 2Page - Molex Electronics Ltd. A-70575-0007 Datasheet HTML 3Page - Molex Electronics Ltd. A-70575-0007 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0017
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70575-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-70575-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-70575-0015 MOLEX8-A-70575-0015 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 16 Circuits, Tin (Sn) Plating
A-70575-0039 MOLEX8-A-70575-0039 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 5 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
A-70575-0041 MOLEX8-A-70575-0041 Datasheet
261Kb / 4P
   2.54mm (.100) Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 7 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
A-70575-0045 MOLEX8-A-70575-0045 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 11 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
A-70575-0054 MOLEX8-A-70575-0054 Datasheet
261Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .180" Pocket, Shrouded,with Press-fit Plastic Peg, 20 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com