Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78127-1208 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 78127-1208
Description  0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 20 Circuits, Lead Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

78127-1208 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  78127-1208 Datasheet HTML 1Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 2Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 3Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 4Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 5Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 6Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 7Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 8Page - Molex Electronics Ltd. 78127-1208 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0781271208
Status:
Active
Overview:
ffc_fpc_smt
Description:
0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold
Plating, 20 Circuits, Lead Free
Documents:
3D Model
Product Specification PS-78119-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
78127
Overview
ffc_fpc_smt
Product Name
N/A
Physical
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Natural
Contact Position
N/A
Durability (mating cycles max)
20
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.161 In
Mated Height (mm)
4.10 mm
Material - Metal
Copper Alloy
Material - Plating Mating
Gold, Nickel
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Pitch - Term. Interface (in)
0.020 In
Pitch - Term. Interface (mm)
0.50 mm
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Surface Mount
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-78119-001
Sales Drawing
SD-78127-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78127Series
Mates With
Standard FFC/FPC Cables


Similar Part No. - 78127-1208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78127-1218 MOLEX9-78127-1218 Datasheet
592Kb / 9P
   0.50mm (.020) Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 21 Circuits, Lead Free
78127-1228 MOLEX9-78127-1228 Datasheet
592Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 22 Circuits
78127-1238 MOLEX9-78127-1238 Datasheet
592Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 23 Circuits
78127-1248 MOLEX9-78127-1248 Datasheet
592Kb / 9P
   0.50mm (.020") Pitch FFC/FPC Connector, SMT, Non ZIF, Vertical, Reverse, Gold Plating, 24 Circuits
78127-1249 MOLEX-78127-1249 Datasheet
40Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com