Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876232113 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876232113
Description  1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.81mm (.150") Tail Length
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876232113 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876232113 Datasheet HTML 1Page - Molex Electronics Ltd. 0876232113 Datasheet HTML 2Page - Molex Electronics Ltd. 0876232113 Datasheet HTML 3Page - Molex Electronics Ltd. 0876232113 Datasheet HTML 4Page - Molex Electronics Ltd. 0876232113 Datasheet HTML 5Page - Molex Electronics Ltd. 0876232113 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876232113
Status:
Active
Description:
1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25°), Single Key, with Beveled
Metal Pins and Plastic Pegs, 3.81mm (.150") Tail Length, with 4.83mm (.190") Locating
Pegs, 0.76µm (30µ") Gold (Au) Plating, 184 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87623-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87623
Component Type
Memory Module
JEDEC Outline
MO-206
Product Name
DDR DIMM
Physical
Circuits (Loaded)
184
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
25° Angle
Keying to Mating Part
Yes
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.150 In
PC Tail Length (mm)
3.81 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.110 In
PCB Thickness Recommended (mm)
2.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V
Voltage Key
2.5V, Left
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87623Series
Mates With
JEDEC MO-206 modules


Similar Part No. - 0876232113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876232113 MOLEX11-0876232113 Datasheet
38Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Low Profile (25), Single Key
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com