Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87710-2012 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87710-2012
Description  6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??S-P(B) Receptacle, Press-fit, Vertical, 0.76關m (30關") Gold (Au) Plating, 28 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87710-2012 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87710-2012 Datasheet HTML 1Page - Molex Electronics Ltd. 87710-2012 Datasheet HTML 2Page - Molex Electronics Ltd. 87710-2012 Datasheet HTML 3Page - Molex Electronics Ltd. 87710-2012 Datasheet HTML 4Page - Molex Electronics Ltd. 87710-2012 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877102012
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus™
S-P(B) Receptacle, Press-fit, Vertical, 0.76µm (30µ") Gold (Au) Plating, 28 Circuits,
Power Beta 4, Signal 24, No Recessed Power Circuit, Lead-free
Documents:
3D Model
Product Specification PS-87633-006 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
87710
Application
Board-to-Board
Comments
No Recessed Power Circuits
Overview
extreme_powerplus_ssi
Product Name
EXTreme PowerPlus™
Physical
Circuits (Loaded)
28
Circuits Detail
Power Beta 4, Signal 24
Color - Resin
Black
Durability (mating cycles max)
100
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In, 0.175 In, 0.250 In
Pitch - Mating Interface (mm)
2.54 mm, 4.45 mm, 6.35 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
2.5A, 30A, 50A
Voltage - Maximum
250V DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87710Series
Mates With
87667 PCB Headers


Similar Part No. - 87710-2012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87710-2001 MOLEX9-87710-2001 Datasheet
258Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus S-P(B) Receptacle
87710-2002 MOLEX9-87710-2002 Datasheet
258Kb / 5P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus S-P(B) Receptacle, Press-fit, Vertical, 0.76關m (30關) Gold (Au) Plating, 30 Circuits
87710-2005 MOLEX9-87710-2005 Datasheet
258Kb / 5P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus S-P(B) Receptacle
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com