Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0757300219 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0757300219
Description  4.00mm (.157") EXTreme MicroPower??Header, 19 Circuits, 3.81mm (.150") Tail Length
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0757300219 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0757300219 Datasheet HTML 1Page - Molex Electronics Ltd. 0757300219 Datasheet HTML 2Page - Molex Electronics Ltd. 0757300219 Datasheet HTML 3Page - Molex Electronics Ltd. 0757300219 Datasheet HTML 4Page - Molex Electronics Ltd. 0757300219 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757300219
Status:
Active
Overview:
extreme_micropower
Description:
4.00mm (.157") EXTreme MicroPower™ Header, 19 Circuits, 3.81mm (.150") Tail
Length
Documents:
3D Model
Product Specification PS-75730-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
75730
Application
Board-to-Board
Overview
extreme_micropower
Product Name
EXTreme MicroPower™
Physical
Breakaway
No
Circuits (Loaded)
19
Circuits (maximum)
19
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.150 In
PC Tail Length (mm)
3.81 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.066 In, 0.125 In
PCB Thickness Recommended (mm)
1.67 mm, 3.18 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.157 In
Pitch - Mating Interface (mm)
4.00 mm
Pitch - Term. Interface (in)
0.157 In
Pitch - Term. Interface (mm)
4.00 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75730Series


Similar Part No. - 0757300219

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757300211 MOLEX9-0757300211 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 11 Circuits, 3.81mm (.150) Tail Length
0757300213 MOLEX9-0757300213 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower Header, 13 Circuits, 3.81mm (.150") Tail Length
0757300215 MOLEX9-0757300215 Datasheet
300Kb / 5P
   4.00mm (.157) EXTreme MicroPower??Header, 15 Circuits, 3.81mm (.150) Tail Length
0757300217 MOLEX9-0757300217 Datasheet
300Kb / 5P
   4.00mm (.157") EXTreme MicroPower??Header, 17 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com