Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87631-3002 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 87631-3002
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87631-3002 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  87631-3002 Datasheet HTML 1Page - Molex Electronics Ltd. 87631-3002 Datasheet HTML 2Page - Molex Electronics Ltd. 87631-3002 Datasheet HTML 3Page - Molex Electronics Ltd. 87631-3002 Datasheet HTML 4Page - Molex Electronics Ltd. 87631-3002 Datasheet HTML 5Page - Molex Electronics Ltd. 87631-3002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 87631-3002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87631-3000 MOLEX9-87631-3000 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Short Contacts, 32 Circuits
87631-3001 MOLEX9-87631-3001 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
87631-3003 MOLEX9-87631-3003 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
87631-3004 MOLEX9-87631-3004 Datasheet
451Kb / 6P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus PS-P Header
87631-3006 MOLEX9-87631-3006 Datasheet
451Kb / 6P
   2.00mm (.079") Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row ThroughHole, 0.76關m (30關") Gold (Au) Selective Plating, 32 Circuits, Leadfree
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com