Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75757-5241 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75757-5241
Description  3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 1.25關m (50關") Nickel (Ni) Overall, 2.50關m (100關") Minimum Select Matte Tin (Sn) Plating on Tail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-5241 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75757-5241 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-5241 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-5241 Datasheet HTML 3Page - Molex Electronics Ltd. 75757-5241 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
500V DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-75757-204
Packaging Specification
PK-75757-006
Product Specification
PS-75757-000
Sales Drawing
SD-75757-002
Test Summary
TS-75757-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 75757-5241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-5201 MOLEX9-75757-5201 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating on Tail
75757-5221 MOLEX9-75757-5221 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating on Tail
75757-5231 MOLEX9-75757-5231 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150 Header, Breakaway, Vertical, 6 Circuits, 1.25um (50u") Nickel (Ni) Overall
75757-5261 MOLEX9-75757-5261 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating on Tail
75757-5281 MOLEX9-75757-5281 Datasheet
169Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 1.25關m (50關) Nickel (Ni) Overall, 2.50關m (100關) Minimum Select Matte Tin (Sn) Plating on Tail
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com