Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0872038152 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0872038152
Description  D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 CircuitsScrew Hole, Threaded, Gold (Au) 0.38關m (15關")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0872038152 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0872038152 Datasheet HTML 1Page - Molex Electronics Ltd. 0872038152 Datasheet HTML 2Page - Molex Electronics Ltd. 0872038152 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872038152
Status:
Active
Description:
D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 Circuits,
Screw Hole, Threaded, Gold (Au) 0.38µm (15µ")
Replacement Part
Number:
NO REPLACEMENT PART AVAILABLE
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
87203
Application
Wire-to-Board
Comments
Shell: Steel
Component Type
Plug
Obsolete Date
2006/07/01
Product Name
D-Sub, DB15
Replacement Part Number
NO REPLACEMENT PART AVAILABLE
Type
N/A
Physical
Circuits (Loaded)
15
Circuits (maximum)
15
Flammability
94V-0
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Orientation
Right Angle
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface (in)
0.109 In
Pitch - Mating Interface (mm)
2.77 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
1A
Shielded
Yes
Voltage - Maximum
300V
Material Info
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87203Series
Mates With
87204


Similar Part No. - 0872038152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872038042 MOLEX9-0872038042 Datasheet
103Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, Screw Hole, Threaded, Gold (Au) 0.76關m (30關)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com