Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0877159122 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877159122
Description  1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filledBlue Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs,2.54mm (.100") Soldertail, Lead Free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877159122 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877159122 Datasheet HTML 1Page - Molex Electronics Ltd. 0877159122 Datasheet HTML 2Page - Molex Electronics Ltd. 0877159122 Datasheet HTML 3Page - Molex Electronics Ltd. 0877159122 Datasheet HTML 4Page - Molex Electronics Ltd. 0877159122 Datasheet HTML 5Page - Molex Electronics Ltd. 0877159122 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877159122
Status:
Planned for Obsolescence
Description:
1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled,
Blue Housing, Phosphor Bronze, 0.38µm (15µ") Gold (Au) Plating, with Plastic Pegs,
2.54mm (.100") Soldertail, Lead Free
Documents:
3D Model
Product Specification PS-87715-200 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
87715
Comments
PCI 4 lanes
Component Type
Edgecard to PCB
Product Name
PCI Express*
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
PC Tail Length (in)
0.100 In
PC Tail Length (mm)
2.54 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.1A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87715-207
Product Specification
PS-87715-200
Sales Drawing
SD-87715-207
Test Summary
TS-87715-207
* PCI Express is a registered trademark of PCI-SIG®
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87715Series
Mates With
PCI Express Card


Similar Part No. - 0877159122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877159121 MOLEX9-0877159121 Datasheet
347Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 64 Circuits, Nylon 4/6 Glass-filled, Blue Housing, Phosphor Bronze, 0.25關m (10關") Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com