Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBV-408 Datasheet(PDF) 1 Page - Sanken electric

Part # RBV-408
Description  Bridge Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RBV-408 Datasheet(HTML) 1 Page - Sanken electric

  RBV-408 Datasheet HTML 1Page - Sanken electric RBV-408 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
1
5
40
50
10
20
20ms
80
RBV-401, 402
0
25
50
75
100
125
150
0
1.0
2.0
3.0
4.0
40
RBV-404, 406
RBV-408, 40C
0
1
5
50
10
40
20ms
100
60
0
1
5
40
50
10
20
20ms
80
60
80
20
60
0.5
1.0
0
1.5
2.0
1
10
100
0.1
0.01
1
10
100
0.1
0.01
1
10
100
0.1
0.01
Ta 150ºC
=
60ºC
100ºC
25ºC
0.5
1.0
0
1.5
2.0
Ta 150ºC
=
60ºC
100ºC
25ºC
0.5
1.0
0
1.5
Ta 150ºC
=
60ºC
100ºC
25ºC
25
3.2
C3
7.5
7.5
7.5
4---1.0
4.6
3.6
0.7
+
±0.1
2.7
±0.1
0
25
50
75
100
125
150
0
1.0
2.0
3.0
4.0
40
0
25
50
75
100
125
150
0
1.0
2.0
3.0
4.0
40
*RBV-406H trr 5.0µs
Bridge Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
Rth (j-c)
IR
(
µA)
IR (H)
(
µA)
Tj
(ºC)
Tstg
(ºC)
Electrical Characteristics (Ta =25
°C)
(ºC/ W)
(g)
Mass
Others
RBV-401
100
200
400
600
4.0
2.0
10
5.0
4.05
–40 to +150
100
120
80
100
50
100
1.05
1.10
1.00
0.92
1.00
800
1000
600
600
RBV-402
RBV-404
RBV-406
RBV-408
RBV-40C
RBV-406M
RBV-406H
A
*
VR=VRM, Tj=100
°C
VR =VRM
18
IF (AV) (A)
Fig.
50Hz
Half-cycle Sinewave
Single Shot
With Heatsink
max per element
max per element
max per
element
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (ºC)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (ºC)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (ºC)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.


Similar Part No. - RBV-408

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RBV-401 ZSELEC-RBV-401 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
RBV-402 ZSELEC-RBV-402 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sanken electric
RBV-402L SANKEN-RBV-402L Datasheet
21Kb / 1P
   Bridge Diodes (Ultra-Fast-Recovery)
RBV-402L SANKEN-RBV-402L Datasheet
109Kb / 3P
   Ultra-Fast-Recovery Rectifier Diode
logo
Zibo Seno Electronic En...
RBV-403 ZSELEC-RBV-403 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RBV-408

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RBV-1306 SANKEN-RBV-1306 Datasheet
24Kb / 2P
   Bridge Diodes
RBV-601 SANKEN-RBV-601 Datasheet
23Kb / 2P
   Bridge Diodes
logo
Shindengen Electric Mfg...
US8KB80R SHINDENGEN-US8KB80R Datasheet
1Mb / 6P
   Silicon Bridge Diodes
USKB SHINDENGEN-USKB Datasheet
1Mb / 6P
   SILICON BRIDGE DIODES
logo
SUNMATE electronic Co.,...
BR305 SUNMATE-BR305 Datasheet
382Kb / 2P
   BRIDGE RECTIFIERS DIODES
logo
Sanken electric
RBA-404B SANKEN-RBA-404B Datasheet
24Kb / 1P
   Bridge Diodes (Schottky Barrier)
logo
Shindengen Electric Mfg...
MG038C200160A SHINDENGEN-MG038C200160A Datasheet
437Kb / 3P
   Bridge Diodes 1600V, 200A
MG038D150160A SHINDENGEN-MG038D150160A Datasheet
437Kb / 3P
   Bridge Diodes 1600V, 150A
D100JHT160V SHINDENGEN-D100JHT160V Datasheet
1Mb / 7P
   Bridge Diodes 1600V, 100A
MG060C100080A SHINDENGEN-MG060C100080A Datasheet
388Kb / 4P
   Bridge Diodes 800V, 100A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com